PART |
Description |
Maker |
MC9S12C32CFAE25 MC9S12C32CFA16 MC9S12C32CFA25 MC9S |
MC9S12C Family MC9S12GC Family Reference Manual
|
Freescale Semiconductor, Inc Freescale Semiconductor, In... Freescale Semiconductor...
|
MC9S12XEG128MAL S912XET256J2MAA S312XEP100JMAAR S9 |
Microcontrollers MC9S12XEP100 Reference Manual Covers MC9S12XE Family Features of the MC9S12XE-Family are listed here. Please see Table D-2.for memory options and Table D-2. for the peripheral features that are available on the different family members. HCS12X Microcontrollers
|
Freescale Semiconductor, Inc Freescale Semiconductor...
|
S9S12G128F0MLH S9S12G48F1CLC S9S12G64F0MLF SW9S12G |
S12 CPU core, Up to 240 Kbyte on-chip flash with ECC Microcontrollers Reference Manual and Date Sheet MC9S12G Family Reference Manual and Data Sheet
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
MAC7144 MAC71FU1MPV50 MAC71PV1MPV50 MAC71VF1MPV50 |
Microcontroller Family Reference Manual
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
MC1504 |
(MC1504 / MC1404) Voltage Reference Family
|
Motorola
|
NUC120VE3AN |
NuMicro Family NUC100 Series Technical Reference Manual
|
Nuvotem Talema
|
LT1461DIS8-5 LT1461CIS8-5 LT1461BIS8-5 LT1461AIS8- |
Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: 0°C to 70°C Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 4.096 V, PDSO8 Micropower Precision Low Dropout Series Voltage Reference Family; Package: SO; No of Pins: 8; Temperature Range: -40° to 125°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO8
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
LT1790 LT1790ACS6-2.5TRPBF LT1790ACS6-2.5PBF LT179 |
Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 1.25 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.5 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3.3 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 3 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 2.048 V, PDSO6 Micropower SOT-23 Low Dropout Reference Family; Package: SOT; No of Pins: 6; Temperature Range: 0°C to 70°C 1-OUTPUT THREE TERM VOLTAGE REFERENCE, 5 V, PDSO6
|
Linear Technology, Corp. LINEAR TECHNOLOGY CORP
|
P83C754EBDDB |
80C51 8-bit microcontroller family 4K/256 OTP/ROM, DAC, comparator, UART, reference
|
NXP Semiconductors
|
MC1404P MC1404P6 |
Voltage reference family PRECISION LOW DRIFT VOLTAGE REFERENCES
|
Motorola, Inc
|
AD589JR-REEL AD589JRZ AD589JCHIPS AD589JH AD589JR |
2-Terminal IC 1.2 V Reference Two-Terminal IC 1.2 V Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 1.235 V, PDSO8
|
Analog Devices, Inc.
|
LM385-2.5 LM285-2.5 LM385BZ-2. LM185-2.5 LM185-2.5 |
LOW POWER/ BANDGAP VOLTAGE REFERENCES From old datasheet system Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, MBCY2 Micropower Voltage Reference 1-OUTPUT TWO TERM VOLTAGE REFERENCE, 2.5 V, PBCY3
|
TelCom Semiconductor LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|